Part Number Hot Search : 
XXXXX 05000 F10U20S SML60S18 AO4490L IRF13N50 ANTX2N6 64261
Product Description
Full Text Search
 

To Download IV0509S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  04/04/05 dc-dc specification 1 watts single or dual output sip package dip package 3000 vdc isolation short circuit protection -40 ? to +85 ? operation industry standard pinout iv series input input voltage range nominal ?0% input current (no load) see table input reflected ripple 200 mv pk-pk input reverse voltage none protection output output voltage see table minimum load none line regulation 1.2%/1% ? vin load regulation ?% 20-100% load change setpoint accuracy ?% ripple & noise 100 mv pk-pk temperature coefficient 0.02%/? short circuit protection 1 s max maximum capacitive ?20 ? load general efficiency see table isolation voltage 3000 vdc minimum isolation resistance ?0 9 ? isolation capacitance 60pf typical switching frequency 80 khz typical environmental operating temperature -40 to +85 ? storage temperature -40 to +125 ? case temperature 100 ? max cooling free-air convection notes 1. for dual output, delete suffix ?? and split current equally between rails. 2. for dip package, replace ??in part number with ?? 3. all dimensions in inches (mm). xppower.com input voltage no load input current output voltage output current efficiency model number (1,2) 5 vdc 22 ma 5.0 v 200 ma 78% iv0505sa ? 22 ma 9.0 v 112 ma 78% IV0509Sa 23 ma 12.0 v 84 ma 78% iv0512sa ? 25 ma 15.0 v 66 ma 80% iv0515sa ? 30 ma 24.0 v 42 ma 80% iv0524sa 12 vdc 16 ma 5.0 v 200 ma 70% iv1205sa ? 15 ma 9.0 v 112 ma 80% iv1209sa 20 ma 12.0 v 84 ma 75% iv1212sa ? 15 ma 15.0 v 66 ma 80% iv1215sa ? 15 ma 24.0 v 42 ma 80% iv1224sa 24 vdc 10 ma 5.0 v 200 ma 78% iv2405sa 8 ma 9.0 v 112 ma 75% iv2409sa 8 ma 12.0 v 84 ma 75% iv2412sa 8 ma 15.0 v 66 ma 78% iv2415sa 9 ma 24.0 v 42 ma 78% iv2424sa mechanical details 0.40 (10.16) max 0.80 (20.32) max 0.28 (7.11) max 0.10 (2.54) min 0.01 (0.25) vcc +v gnd nc 0.30 (7.62) 0.60 (15.24) 0v vcc -v +v 0v gnd nc single output dual output dip package 0.01 (0.25) 0.30 (7.62) 0.60 (15.24) 0.24 (6.09) max 0.78 (19.81) max 0.40 (10.16) max 0.015 (0.38) 0.12 (3.05) min 0.10 (2.54) sip package 0.01(0.25) max vcc -v +v gnd 0.09 (2.28) 0.60 (15.24) vcc -v 0v +v gnd single output dual output 0.01(0.25) max 0.09 (2.28) 0.60 (15.24) dc-dc ? available from farnell inone. see pages 236-237


▲Up To Search▲   

 
Price & Availability of IV0509S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X